Part Number Hot Search : 
A554RW MUR10 CE66P9 A222R AP1501A X935Z LB11823M AK5703
Product Description
Full Text Search
 

To Download VB923 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
VB923
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
s s s s
NO EXTERNAL COMPONENT REQUIRED INTEGRATED HIGH VOLTAGE CLAMP COIL CURRENT LIMIT INTERNALLY SET HIGH RUGGEDNESS
DESCRIPTION The VB923 is a monolithic high voltage integrated circuits made using STMicroelectronics VIPower Technology, which combines a vertical current flow power trilinton with a coil current limiting circuit and a collector voltage clamping. The device is peculiarly suitable for application in high performance electronic car ignition, where coil current limitation and voltage clamping are required.
3 2 1
TO-247
BLOCK DIAGRAM
October 1998
1/5
VB923
ABSOLUTE MAXIMUM RATING
Symbol HVc Ic I in Ptot T stg Tj E s/b Collector Voltage Collector Current Input Current Total Dissipation at T c = 25 o C Storage Temperature Operating Junction Temperature Avalanche Energy Parameter Value Internally Limited Internally Limited 40 150 -40 to 150 -40 to150 350 Unit V A mA W
o o
C C
mJ
THERMAL DATA
Symbol R thj-case R thj-amb Parameter Thermal Resistance Junction-case Thermal Resistance Junction-ambient Max Max Value 0.83 30 Unit
o o
C/W C/W
ELECTRICAL CHARACTERISTICS (Vbatt = 14 V, HEI Coil = xx, Tcase = 25 oC unless otherwise specified)
Symbol Icgo V cl V cg(sat ) I cl * V f ** V inCL V inTH t d(off) Parameter Collector Cut-off Current Clamping Voltage Power Stage Saturation Voltage Coil Current Limit V in = 0 Test Conditions HV c = 200 V
o
Min.
Typ.
Max. 250
Unit A V V A V V V s
-40 < T j < 125 C Ic = 5 A Vin = 4 V
Ic = 5 A
350
400 2
500 2.5 7.2 3.5 4
-30 T j 50 o C -30 T j 120 o C I c = 5 A I in = 10 mA see note 1 -30 T j 120 o C see note 2 Ic = 3 A Ic = 5 A (see fig.1)
6.0
6.6
Diode Forward Voltage I f = 10 A Input Voltage During On State Threshold Input Voltage Switching Time
0.5 15
4 40
L = 6 mH
* ICL is measured 1ms after the maximum peak ** Pulsed: Pulse duration = 300 s, duty cycle 1.5 % Note 1: After adjusting input signal (frequency and duty) to be IC = 5A, Vin (Tr ON) should be measured. Note 2: The device is biased with 14V on collector with respectto emitter. Then a voltage ramp (0 to 5V) is put on input. VinTH is the input voltage when the device is in on-state with IC=5A
2/5
VB923
Fig. 1 Switching Time
3/5
VB923
TO-247 MECHANICAL DATA
mm MIN. A D E F F3 F4 G H L L3 L4 L5 M Dia 2 3.55 15.3 19.7 14.2 34.6 5.5 3 3.65 0.079 0.140 4.7 2.2 0.4 1 2 3 10.9 15.9 20.3 14.8 0.602 0.776 0.559 0.413 1.362 0.217 0.118 0.144 TYP. MAX. 5.3 2.6 0.8 1.4 2.4 3.4 MIN. 0.185 0.087 0.016 0.039 0.079 0.118 0.429 0.626 0.779 0.582 inch TYP. MAX. 0.209 0.102 0.031 0.055 0.094 0.134
DIM.
P025P
4/5
VB923
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics (c) 1998 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A. http://www.st.com .
5/5


▲Up To Search▲   

 
Price & Availability of VB923

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X